Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSO Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TLSO
Description  STRAP-ON LOW LIMIT THERMOSTAT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TLSO Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TLSO Datasheet HTML 1Page - Greystone Energy Systems Inc. TLSO Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
STRAP-ON LOW LIMIT THERMOSTAT
TLSO SERIES
PRODUCT DESCRIPTION
The single point strap-on low limit thermostat
incorporates a precision thermistor temperature
sensor and provides a Form C relay output (NO/
NC) with an adjustable setpoint. The sensor is
encapsulated in a 38.1 mm x 12.7 mm (1.5” x 0.5”)
machined aluminum heat sink. A 254 mm (10”)
S/S Pipe clamp is provided to secure the assembly
to various sizes of pipe. All probes are constructed
to provide excellent heat transfer, fast response
and are potted to resist moisture penetration. A
hinged and gasketed Polycarbonate enclosure is
included for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The strap-on temperature transmitter series can
be mounted directly to various sizes of pipes and
secured using a 254 mm (10”) S/S pipe clamp. If
necessary, remove a section of insulation from the
pipe. The 254 mm (10”) S/S pipe clamp is a “Quick
Release” type and can be separated by moving
the tightening screw so that it is perpendicular
to the clamp and slide the clamp apart. Position
the aluminum plate on the pipe so it makes the
best contact, wrap the clamp around the pipe and
re-assemble and tighten. Any excess clamp may
be cut off. For best results, thermal conductive
compound should be applied to pipe prior to
mounting the probe.
Wiring connections are made inside the enclosure.
POWER SUPPLY
12 to 28 Vac/dc
SENSOR ACCURACY
±0.2°C, 0 to 70°C (±0.36°F, 32 to 158°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
PROBE MATERIAL
Machined aluminum heat sink
PROBE DIMENSIONS
38.1mm x 12.7mm (1.5” x 0.5”)
WIRE MATERIAL
PVC insulated, parallel bonded
CONSUMPTION
50 mA max
RELAY CONTACTS
SPDT, Form C contacts (N.O. and N.C.)
5 Amps @ 30 Vdc/250 Vac resistive
1.5 Amps @ 30 Vdc/250 vac inductive
RELAY ACTION
Activates on temperature fall
SETPOINT OPERATION
Single-turn knob-pot on PCB
ADJUSTABLE SETPOINT
-4 to 10°C (25 to 50°F)
TEMPERATURE DIFFERENTIAL
Low: 1.1°C (2°F) Mid: 2.8°C (5°F) High: 5.6°C (10°F)
Jumper selectable
TEMPERATURE SENSOR
10,000Ω curve matched precision thermistor
OPERATING CONDITIONS
-10 to 50°C (14 to 122°F), 5 to 95 %RH, non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F), 5 to 95 %RH, non-condensing
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
B: Grey polycarbonate UL94-V0, IP65 (NEMA 4X)
F: Same as B with thread adapter (1/2” NPT to M16) and cable gland fitting
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
114.3 mm
4.5"
99.7 mm
3.93"
112.5 mm
4.43"
53.7 mm
2.11"
28.6 mm
1.125"
0.5" NPT
254 mm (10")
S/S Pipe Clamp
Quick Release
Machined
Aluminum


Similar Part No. - TLSO

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TLS AEC-TLS Datasheet
422Kb / 3P
electronic tilt switches
logo
C&K Components
TLS CK-COMPONENTS-TLS Datasheet
112Kb / 1P
Soft Sound Tact Switch
29 Jun 21
logo
Brady Worldwide, Inc.
TLS BRADY-TLS Datasheet
359Kb / 1P
TLS2200® Labeling System
logo
BetLux Electronics
TLS-1W-M35 BETLUX-TLS-1W-M35 Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
TLS-1W-M35PGC BETLUX-TLS-1W-M35PGC Datasheet
162Kb / 2P
LED strip light, Mono color, 1W high power LED Module
REV NO: V.2
More results

Similar Description - TLSO

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
THGL GREYSTONE-THGL Datasheet
253Kb / 2P
GLASS HIGH LIMIT THERMOSTAT
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THRP GREYSTONE-THRP Datasheet
270Kb / 2P
REMOTE PROBE STRAP-ON HIGH LIMIT THERMOSTAT
THSO GREYSTONE-THSO Datasheet
287Kb / 2P
STRAP-ON HIGH LIMIT THERMOSTAT
TLDR GREYSTONE-TLDR Datasheet
277Kb / 2P
RIGID DUCT AVERAGE LOW LIMIT THERMOSTAT
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
FLYING LEAD LOW LIMIT THERMOSTAT
TLGL GREYSTONE-TLGL Datasheet
253Kb / 2P
GLASS LOW LIMIT THERMOSTAT
TLOB GREYSTONE-TLOB Datasheet
210Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLOS GREYSTONE-TLOS Datasheet
254Kb / 2P
OUTSIDE LOW LIMIT THERMOSTAT
TLRP GREYSTONE-TLRP Datasheet
269Kb / 2P
REMOTE PROBE STRAP-ON LOW LIMIT THERMOSTAT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com