Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC163 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC163 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC163
Download  74HC163 Download
File Size   309.8 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary counter; synchronous reset

74HC163 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC163 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC163
Download  74HC163 Click to download

File Size   309.8 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary counter; synchronous reset

74HC163 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC163 Product details

1. General description
The 74HC163; 74HCT163 is a synchronous presettable binary counter with an internal look-head
carry. Synchronous operation is provided by having all flip-flops clocked simultaneously on the
positive-going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset to
a HIGH or LOW. A LOW at the parallel enable input (PE) disables the counting action. It causes
the data at the data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of
the clock. Preset takes place regardless of the levels at count enable inputs (CEP and CET). A
LOW at the master reset input (MR) sets Q0 to Q3 LOW after the next positive-going transition
on the clock input (CP). This action occurs regardless of the levels at input pins PE, CET and
CEP. This synchronous reset feature enables the designer to modify the maximum count with
only one external NAND gate. The look-ahead carry simplifies serial cascading of the counters.
Both CEP and CET must be HIGH to count. The CET input is fed forward to enable the terminal
count output (TC). The TC output thus enabled will produce a HIGH output pulse of a duration
approximately equal to a HIGH output of Q0. This pulse can be used to enable the next cascaded
stage. Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
The CP to TC propagation delay and CEP to CP set-up time determine the maximum clock
frequency for the cascaded counters according to the following formula:
2. Features and benefits
• Complies with JEDEC standard no. 7A
• Input levels:
• For 74HC163: CMOS level
• For 74HCT163: TTL level
• Synchronous counting and loading
• 2 count enable inputs for n-bit cascading
• Synchronous reset
• Positive-edge triggered clock
• ESD protection:
• HBM JESD22-A114F exceeds 2 000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HC163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
292Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC163D PHILIPS-74HC163D Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC163D-Q100 NEXPERIA-74HC163D-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
More results


Similar Description - 74HC163

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com