Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV161 Datasheet (PDF) - NXP Semiconductors

74LV161 Datasheet PDF - NXP Semiconductors
Part # 74LV161
Download  74LV161 Download
File Size   148.16 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LV161 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV161 Datasheet PDF - NXP Semiconductors

Part # 74LV161
Download  74LV161 Click to download

File Size   148.16 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LV161 Datasheet (HTML) - NXP Semiconductors


74LV161 Product details

DESCRIPTION
The 74LV161 is a low-voltage Si-gate CMOS device and is pin and function compatible with 74HC/HCT161.
The 74LV161 is a synchronous presettable binary counter which features an internal look-head carry and can be used for high-speed counting.

FEATURES
• Optimized for low voltage applications: 1.0 to 3.6 V
• Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
• Typical VOLP (output ground bounce) < 0.8 V at VCC = 3.3 V, Tamb = 25°C
• Typical VOHV (output VOH undershoot) > 2 V at VCC = 3.3 V, Tamb = 25°C
• Asynchronous reset
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive-edge triggered clock
• Output capability: standard
• ICC category: MSI




Similar Part No. - 74LV161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV161284DGGRE4 TI-74LV161284DGGRE4 Datasheet
186Kb / 7P
19-BIT BUS INTERFACE
More results


Similar Description - 74LV161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com