Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC161 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC161
Download  74LVC161 Download
File Size   298.21 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LVC161 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC161 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC161
Download  74LVC161 Click to download

File Size   298.21 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LVC161 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC161 Product details

1. General description
The 74LVC161 is a synchronous presettable binary counter with an internal look-head carry.
Synchronous operation is provided by having all flip-flops clocked simultaneously on the
positive-going edge of the clock (CP). The outputs (Q0 to Q3) of the counters may be preset HIGH
or LOW. A LOW at the parallel enable input (PE) disables the counting action and causes the
data at the data inputs (D0 to D3) to be loaded into the counter on the positive-going edge of the
clock. Preset takes place regardless of the levels at count enable inputs (CEP and CET). A LOW
at the master reset input (MR) sets Q0 to Q3 LOW regardless of the levels at input pins CP, PE,
CET and CEP (thus providing an asynchronous clear function). The look-ahead carry simplifies
serial cascading of the counters. Both CEP and CET must be HIGH to count. The CET input is fed
forward to enable the terminal count output (TC). The TC output thus enabled will produce a HIGH
output pulse of a duration approximately equal to a HIGH output of Q0. This pulse can be used to
enable the next cascaded stage.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power dissipation
• Direct interface with TTL levels
• Asynchronous reset
• Synchronous counting and loading
• Two count enable inputs for n-bit cascading
• Positive edge-triggered clock
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
STMicroelectronics
74LVC161284 STMICROELECTRONICS-74LVC161284 Datasheet
217Kb / 11P
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
May-2003
logo
Texas Instruments
74LVC161284DGGRG4 TI-74LVC161284DGGRG4 Datasheet
206Kb / 12P
19-BIT BUS INTERFACE
74LVC161284DGGRG4 TI2-74LVC161284DGGRG4 Datasheet
507Kb / 19P
19-BIT BUS INTERFACE
REVISED FEBRUARY 2005
74LVC161284DLRE4 TI-74LVC161284DLRE4 Datasheet
206Kb / 12P
19-BIT BUS INTERFACE
More results


Similar Description - 74LVC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com