Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC161 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Nexperia
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
5. Pinning information
5.1. Pinning
74LVC161
MR
VCC
CP
TC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
CEP
CET
GND
PE
001aad086
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 7. Pin configuration SOT109-1 (SO16) and
SOT403-1 (TSSOP16)
001aad087
74LVC161
CEP
CET
D3
Q3
D2
Q2
D1
Q1
D0
Q0
CP
TC
GND(1)
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 8. Pin configuration SOT763-1 (DHVQFN16)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
MR
1
synchronous master reset (active LOW)
CP
2
clock input (LOW-to-HIGH, edge-triggered)
D0, D1, D2, D3
3, 4, 5, 6
data input
CEP
7
count enable input
GND
8
ground (0 V)
PE
9
parallel enable input (active LOW)
CET
10
count enable carry input
Q0, Q1, Q2, Q3
14, 13, 12, 11
flip-flop output
TC
15
terminal count output
VCC
16
supply voltage
74LVC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 22 September 2021
5 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com