Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC161 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Nexperia
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
Dn, PE, CEP, CET to CP;
see Fig. 12 and Fig. 13
VCC = 1.65 V to 1.95 V
3.0
-
-
3.0
-
ns
VCC = 2.3 V to 2.7 V
2.5
-
-
2.5
-
ns
VCC = 2.7 V
0.0
-
-
0.0
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.5
0.0
-
0.5
-
ns
see Fig. 9
VCC = 1.65 V to 1.95 V
100
-
-
80
-
MHZ
VCC = 2.3 V to 2.7 V
125
-
-
100
-
MHZ
VCC = 2.7 V
150
-
-
120
-
MHz
fmax
maximum
frequency
VCC = 3.0 V to 3.6 V
150
200
-
120
-
MHz
tsk(o)
output skew time VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
per input; VI = GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
11.1
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
14.7
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
17.9
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + ∑(CL × VCC 2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
N = number of inputs switching
∑(CL × VCC 2 × fo) = sum of outputs
10.1. Waveforms and test circuit
mna911
CP input
Qn, TC output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 9. Clock (CP) to outputs (Qn, TC) propagation delays, the clock pulse width, and maximum frequency
74LVC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 22 September 2021
10 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com