Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC161 Datasheet (PDF) - NXP Semiconductors

74LVC161 Datasheet PDF - NXP Semiconductors
Part # 74LVC161
Download  74LVC161 Download
File Size   118.44 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LVC161 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC161 Datasheet PDF - NXP Semiconductors

Part # 74LVC161
Download  74LVC161 Click to download

File Size   118.44 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Presettable synchronous 4-bit binary counter; asynchronous reset

74LVC161 Datasheet (HTML) - NXP Semiconductors


74LVC161 Product details

DESCRIPTION
The 74LVC161 is a high–performance, low–power, low–voltage, Si–gate CMOS device and superior to most advanced CMOS compatible TTL families.

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• In accordance with JEDEC standard no. 8–1A
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Asynchronous reset
• Synchronous counting and loading
• Two count enable inputs for n–bit cascading
• Positive edge–triggered clock
• Output drive capability 50  transmission lines @85C




Similar Part No. - 74LVC161

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
STMicroelectronics
74LVC161284 STMICROELECTRONICS-74LVC161284 Datasheet
217Kb / 11P
LOW VOLTAGE HIGH SPEED IEEE1284 TRANSCEIVER
May-2003
logo
Texas Instruments
74LVC161284DGGRG4 TI-74LVC161284DGGRG4 Datasheet
206Kb / 12P
19-BIT BUS INTERFACE
74LVC161284DGGRG4 TI2-74LVC161284DGGRG4 Datasheet
507Kb / 19P
19-BIT BUS INTERFACE
REVISED FEBRUARY 2005
74LVC161284DLRE4 TI-74LVC161284DLRE4 Datasheet
206Kb / 12P
19-BIT BUS INTERFACE
More results


Similar Description - 74LVC161

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
Presettable synchronous 4-bit binary counter; synchronous reset
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com