Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC365 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC365 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC365
Download  74HC365 Download
File Size   275.77 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer/line driver; 3-state

74HC365 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC365 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC365
Download  74HC365 Click to download

File Size   275.77 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex buffer/line driver; 3-state

74HC365 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC365 Product details

1. General description
The 74HC365; 74HCT365 is a hex buffer/line driver with 3-state outputs controlled by the output
enable inputs (OEn). A HIGH on OEn causes the outputs to assume a high impedance OFF-state.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to
voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Non-inverting outputs
• Input levels:
• For 74HC365: CMOS level
• For 74HCT365: TTL level
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC365

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
Hex buffer/line driver; 3-state
December 1990
logo
System Logic Semiconduc...
74HC365 SLS-74HC365 Datasheet
46Kb / 5P
Hex 3-State Noninverting Buffer with Common Enables
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
Hex buffer/line driver; 3-state
logo
NXP Semiconductors
74HC365D PHILIPS-74HC365D Datasheet
45Kb / 7P
Hex buffer/line driver; 3-state
December 1990
More results


Similar Description - 74HC365

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
Hex buffer/line driver; 3-state
December 1990
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
Hex buffer/line driver; 3-state
December 1990
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
Hex buffer/line driver 3-State
1998 May 29
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
Hex buffer/line driver 3-State
1998 May 29
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
Hex buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
Hex buffer/line driver; 3-state
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com