Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL161010MF-R47M Datasheet (PDF) - Transko Electronics, Inc.

TCFL161010MF-R47M Datasheet PDF - Transko Electronics, Inc.
Part # TCFL161010MF-R47M
Download  TCFL161010MF-R47M Download
File Size   423.86 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)

TCFL161010MF-R47M Datasheet (PDF)

Go To PDF Page Download Datasheet
TCFL161010MF-R47M Datasheet PDF - Transko Electronics, Inc.

Part # TCFL161010MF-R47M
Download  TCFL161010MF-R47M Click to download

File Size   423.86 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)

TCFL161010MF-R47M Datasheet (HTML) - Transko Electronics, Inc.


TCFL161010MF-R47M Product details

FEATURES
• Miniature size with low profile
• Halogen Free RoHS compliant




Similar Part No. - TCFL161010MF-R47M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-100 TRANSKO-TCFL161010WF-100 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-150 TRANSKO-TCFL161010WF-150 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-180 TRANSKO-TCFL161010WF-180 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-1R0 TRANSKO-TCFL161010WF-1R0 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
More results


Similar Description - TCFL161010MF-R47M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Kingbright Corporation
APA3010 KINGBRIGHT-APA3010 Datasheet
160Kb / 6P
3.0 X 1.0 MM SMD CHIP LED LAMPS
logo
ILSI America LLC
IL3W ILSI-IL3W Datasheet
176Kb / 2P
2 Pad Ceramic Base SMD Crystal, 1.6 mm x 1.0 mm
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005LZGCK-V TO-GRACE-APHHS1005LZGCK-V Datasheet
768Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com