Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL161010MF-R47M Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCFL161010MF-R47M
Description  Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL161010MF-R47M Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCFL161010MF-R47M Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TCFL161010MF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: Nov. 10 2017
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
FEATURES
•
Miniature size with low profile
•
Halogen Free RoHS compliant
SPECIFICATION
TCFL161010MF-R47M
0.47
±20 @ 7.9MHz
100
990
1300
130
TCFL161010MF-2R2M
2.2
±20 @ 7.9MHz
470
390
630
130
DC Resistance
Rated DC Current (mA) Typ.
Part No.
Inductance (µH)
Tolerance (%)
(mΩ) Max.
•
Specifications are measured using HP4287A
SCHEMATIC
REFLOW PROFILE
SOLDER PATTERN
Unit: mm
DIMENSIONS
A
1.80
MAX
B
1.07
MAX
C
1.00
MAX
D
0.38
REF
E
0.76
REF
F
0.30
REF
G
0.90
REF
Unit : mm


Similar Part No. - TCFL161010MF-R47M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-100 TRANSKO-TCFL161010WF-100 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-150 TRANSKO-TCFL161010WF-150 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-180 TRANSKO-TCFL161010WF-180 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TCFL161010WF-1R0 TRANSKO-TCFL161010WF-1R0 Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
More results

Similar Description - TCFL161010MF-R47M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPX PANASONIC-LN224RPX Datasheet
30Kb / 1P
5.0 mm X 1.0 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
logo
Kingbright Corporation
APA3010 KINGBRIGHT-APA3010 Datasheet
160Kb / 6P
3.0 X 1.0 MM SMD CHIP LED LAMPS
logo
ILSI America LLC
IL3W ILSI-IL3W Datasheet
176Kb / 2P
2 Pad Ceramic Base SMD Crystal, 1.6 mm x 1.0 mm
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005LZGCK-V TO-GRACE-APHHS1005LZGCK-V Datasheet
768Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
TCFL161010WF TRANSKO-TCFL161010WF Datasheet
359Kb / 3P
Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
Rev 1: 08-03-2020
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com