Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL1008CF-R15 Datasheet (PDF) - Transko Electronics, Inc.

TCFL1008CF-R15 Datasheet PDF - Transko Electronics, Inc.
Part # TCFL1008CF-R15
Download  TCFL1008CF-R15 Download
File Size   359.01 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)

TCFL1008CF-R15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCFL1008CF-R15 Datasheet PDF - Transko Electronics, Inc.

Part # TCFL1008CF-R15
Download  TCFL1008CF-R15 Click to download

File Size   359.01 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)

TCFL1008CF-R15 Datasheet (HTML) - Transko Electronics, Inc.


TCFL1008CF-R15 Product details

FEATURES
• SMD Package • High SRF
• High Frequency • High Q value




Similar Part No. - TCFL1008CF-R15

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-10N TRANSKO-TCFL1206CF-10N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-12N TRANSKO-TCFL1206CF-12N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-15N TRANSKO-TCFL1206CF-15N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-1R0 TRANSKO-TCFL1206CF-1R0 Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
More results


Similar Description - TCFL1008CF-R15

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL0805CF TRANSKO-TCFL0805CF Datasheet
433Kb / 3P
Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
Rev 1: 06-05-2020
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TWL4532VF TRANSKO-TWL4532VF Datasheet
845Kb / 4P
Wire Wound Chip Inductor SMD 1812 (4.50 x 3.20 x 3.20 mm)
Rev 1: 12-13-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com