Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL1008CF-R15 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TCFL1008CF-R15
Description  Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL1008CF-R15 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TCFL1008CF-R15 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL1008CF-R15 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL1008CF-R15 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TCFL1008CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
FEATURES
•
SMD Package
•
High SRF
•
High Frequency
•
High Q value
SPECIFICATION
•
Specifications are measured using HP E4991B
•
Inductance tolerance: Letter at end of part number: G = ±2% ; J = ±5% ; K = ±10%
Part Number
L (nH)/@MHz
Q min /@MHz
SRF(MHz) min
DCR (Ω) Max
IDC (mA) Max
TCFL1008CF-10N_
10 / 50
50 / 500
4100
0.08
1000
TCFL1008CF-12N_
12 / 50
50 / 500
3300
0.09
1000
TCFL1008CF-15N_
15 / 50
50 / 500
2500
0.16
1000
TCFL1008CF-18N_
18 / 50
50 / 350
2500
0.11
1000
TCFL1008CF-22N_
22 / 50
55 / 350
2400
0.12
1000
TCFL1008CF-27N_
27 / 50
50 / 350
1600
0.13
1000
TCFL1008CF-33N_
33 / 50
60 / 350
1600
0.14
1000
TCFL1008CF-39N_
39 / 50
60 / 350
1500
0.15
1000
TCFL1008CF-47N_
47 / 50
65 / 350
1500
0.16
1000
TCFL1008CF-56N_
56 / 50
65 / 350
1300
0.18
1000
TCFL1008CF-68N_
68 / 50
65 / 350
1300
0.20
1000
TCFL1008CF-82N_
82 / 50
60 / 350
1000
0.22
1000
TCFL1008CF-R10_
100 / 25
60 / 350
1000
0.56
650
TCFL1008CF-R12_
120 / 25
60 / 350
950
0.63
650
TCFL1008CF-R15_
150 / 25
45 / 100
850
0.70
580
TCFL1008CF-R18_
180 / 25
45 / 100
750
0.77
620
TCFL1008CF-R22_
220 / 25
45 / 100
700
0.84
500
TCFL1008CF-R27_
270 / 25
45 / 100
600
0.91
500
TCFL1008CF-R33_
330 / 25
45 / 100
570
1.05
450
TCFL1008CF-R39_
390 / 25
45 / 100
500
1.12
470
TCFL1008CF-R47_
470 / 25
45 / 100
450
1.19
470
TCFL1008CF-R56_
560 / 25
45 / 100
415
1.33
400
TCFL1008CF-R62_
620 / 25
45 / 100
375
1.40
300
TCFL1008CF-R68_
680 / 25
45 / 100
375
1.47
400
TCFL1008CF-R75_
750 / 25
45 / 100
360
1.54
360
TCFL1008CF-R82_
820 / 25
45 / 100
350
1.61
400
TCFL1008CF-R91_
910 / 25
35 / 50
320
1.68
380
TCFL1008CF-1R0_
1000 / 25
35 / 50
290
1.75
370
TCFL1008CF-1R2_
1200 / 7.9
30 / 50
250
2.00
310
TCFL1008CF-1R5_
1500 / 7.9
28 / 50
200
2.30
330
TCFL1008CF-1R8_
1800 / 7.9
28 / 50
160
2.60
300
TCFL1008CF-2R2_
2200 / 7.9
28 / 50
160
2.80
280
TCFL1008CF-2R7_
2700 / 7.9
22 / 25
135
3.20
290
TCFL1008CF-3R3_
3300 / 7.9
22 / 25
110
3.40
290
TCFL1008CF-3R9_
3900 / 7.9
20 / 25
100
3.60
260
TCFL1008CF-4R7_
4700 / 7.9
20 / 25
90
4.00
260
TCFL1008CF-5R6_
5600 / 7.9
18 / 7.9
40
4.20
240
TCFL1008CF-6R8_
6800 / 7.9
18 / 7.9
40
4.90
200
TCFL1008CF-8R2_
8200 / 7.9
18 / 7.9
25
6.00
170
TCFL1008CF-100_
10000 / 2.5
18 / 7.9
25
8.00
150


Similar Part No. - TCFL1008CF-R15

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-10N TRANSKO-TCFL1206CF-10N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-12N TRANSKO-TCFL1206CF-12N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-15N TRANSKO-TCFL1206CF-15N Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TCFL1206CF-1R0 TRANSKO-TCFL1206CF-1R0 Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
More results

Similar Description - TCFL1008CF-R15

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCFL0402CF TRANSKO-TCFL0402CF Datasheet
416Kb / 3P
Ceramic Chip Inductor (1.19 x 0.65 x 0.66 mm)
Rev 1: 06-05-2020
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
TCFL0805CF TRANSKO-TCFL0805CF Datasheet
433Kb / 3P
Ceramic Chip Inductor (2.4 x 1.6 x 1.4 mm)
Rev 1: 06-05-2020
TCFL1206CF TRANSKO-TCFL1206CF Datasheet
336Kb / 3P
Ceramic Chip Inductor (3.6 x 2.2 x 1.63 mm)
Rev 1: 06-05-2020
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TWL4532VF TRANSKO-TWL4532VF Datasheet
845Kb / 4P
Wire Wound Chip Inductor SMD 1812 (4.50 x 3.20 x 3.20 mm)
Rev 1: 12-13-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com