Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCSI Datasheet (PDF) - Transko Electronics, Inc.

THCSI Datasheet PDF - Transko Electronics, Inc.
Part # THCSI
Download  THCSI Download
File Size   305.22 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)

THCSI Datasheet (PDF)

Go To PDF Page Download Datasheet
THCSI Datasheet PDF - Transko Electronics, Inc.

Part # THCSI
Download  THCSI Click to download

File Size   305.22 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)

THCSI Datasheet (HTML) - Transko Electronics, Inc.


THCSI Product details

FEATURES:
• LOW PHASE JITTER (12kHz TO 20MHz) UNDER 1pS (RMS)
• RoHS COMPLIANT
• LOW PROFILE PACKAGE DESIGN (1.8MM HEIGHT MAX.)




Similar Part No. - THCSI

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
I/OSpreader
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
I/OSpreader
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
More results


Similar Description - THCSI

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0092-OT-HCSL TAITIEN-XO-0092-OT-HCSL Datasheet
342Kb / 1P
7.0 x 5.0 mm SMD HCSL Crystal Oscillator
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TGM TRANSKO-TGM Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.3: Jan. 2016
TISM TRANSKO-TISM Datasheet
318Kb / 1P
CERAMIC SMD LVDS OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev 2: 03-27-2023
TPSM TRANSKO-TPSM Datasheet
416Kb / 1P
CERAMIC SMD LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.1: Jul. 2014
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
YHC53 TRANSKO-YHC53 Datasheet
119Kb / 1P
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev. 0: Apr. 2019 Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com