Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCSI Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # THCSI
Description  CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

THCSI Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  THCSI Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THCSL
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 2: 12-07-2022
CERAMIC SMD HCSL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.8mm)
FEATURES:
•
LOW PHASE JITTER (12kHz TO 20MHz) UNDER 1pS (RMS)
•
RoHS COMPLIANT
•
LOW PROFILE PACKAGE DESIGN (1.8MM HEIGHT MAX.)
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
13.500MHz ~ 200.000MHz
FREQUENCY STABILITY
±25ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: -10°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ± 5%
2.5VDC
3.3VDC
SUPPLY
CURRENT
f < 90MHz
17mA typ. 27mA max.
90MHz ≤ f < 125MHz
18mA typ. 28mA max.
125MHz ≤ f < 160MHz
19mA typ. 29mA max.
160MHz ≤ f
30mA typ. 50mA max.
OUTPUT
LOGIC FAMILY
HCSL square wave
LOAD
50Ω (Between output and GND)
LEVEL LOGIC ‘1’ (VOH)
0.55V ≤ VOH ≤ 0.8V
0.6V ≤ VOH ≤ 0.85V
LEVEL LOGIC ‘0’ (VOL)
-
0.16V ≤ VOL ≤ 0.15V
-
0.16V ≤ VOL ≤ 0.15V
PEAK TO PEAK @ VDD= 2.5V
0.6V typ.
0.65V typ.
SYMMETRY(DUTY CYCLE)
45% / 55%
RISE AND FALL TIME (Tr/Tf)
0.15nS typ. 0.7nS max.
START-UP TIME
3mS typ. 10mS max.
STAND-BY
VOLTAGE
ENABLE (VIH)
2.4V ≤ VIH ≤ VDC or N.C.
DISABLE (VIL)
VIL ≤ 0.6V
STAND-BY CURRENT
10µA
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
PHASE JITTER RMS (12kHZ ~ 20MHz)
200fS typ.
PHASE NOISE @ (125MHz OFFSET)
-
50dBc/Hz @ 10Hz
-
82dBc/Hz @ 100Hz
-
116dBc/Hz @ 1kHz
-
138dBc/Hz @ 10kHz
-
144dBc/Hz @ 100kHz
-
149dBc/Hz @ 1MHz
-
155dBc/Hz @ 10MHz
■ PACKAGE DIMENSIONS
Pin Configuration
1
En/Dis or N.C.
2
N.C.
3
GND
4
Q
5
QN
6
VDC
1.8 max.
Unit : mm
En/Dis Function
E/D (#1) Q(#4) & QN (#5)
HIGH
(Open)
Operating
LOW
High Impedance
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
Note: Consult factory for detail
Soldering
260 ±5°C
150 ±5°C
Pre-
heating
<10 Sec
<120 Sec
170 ±5°C
Unit : mm
1.8
2.0
2.4
2.54 2.54
TRANSKO
Part Number
Frequency
7.0±0.1
1.4
1
2
3
6
5
4
6
1
5
2
3
4
MARKING
■ REFLOW PROFILE
Product series
Output
C: HCSL
THCSL
C
50
HM
27.000M
TR
T
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
20: ± 20ppm
10: ± 20ppm
XX: Two digit for
Stability
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Supply Voltage
25: 2.5 Volt
33: 3.3 Volt
Tristate
T: En/Dis pin#1
N: N/C
Frequency
M: MHz
Tape and Reel
TR:
1000/reel
Blank: Cut tape
33


Similar Part No. - THCSI

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS131 THINE-THCS131_15 Datasheet
527Kb / 11P
I/OSpreader
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS132 THINE-THCS132_15 Datasheet
735Kb / 20P
I/OSpreader
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
More results

Similar Description - THCSI

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0092-OT-HCSL TAITIEN-XO-0092-OT-HCSL Datasheet
342Kb / 1P
7.0 x 5.0 mm SMD HCSL Crystal Oscillator
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
TGM TRANSKO-TGM Datasheet
583Kb / 2P
CERAMIC SMD LVDS/LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.3: Jan. 2016
TISM TRANSKO-TISM Datasheet
318Kb / 1P
CERAMIC SMD LVDS OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev 2: 03-27-2023
TPSM TRANSKO-TPSM Datasheet
416Kb / 1P
CERAMIC SMD LVPECL OUTPUT OSCILLATOR (7.0 x 5.0 x 1.6mm)
Rev.1: Jul. 2014
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TX-SB TRANSKO-TX-SB Datasheet
305Kb / 1P
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023
YHC53 TRANSKO-YHC53 Datasheet
119Kb / 1P
ULTRA MINIATURE SMD HCSL OUTPUT OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev. 0: Apr. 2019 Rev. 1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com