Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1506GV Datasheet (PDF) - Renesas Technology Corp

UPB1506GV Datasheet PDF - Renesas Technology Corp
Part # UPB1506GV
Download  UPB1506GV Download
File Size   573.78 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUITS

UPB1506GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1506GV Datasheet PDF - Renesas Technology Corp

Part # UPB1506GV
Download  UPB1506GV Click to download

File Size   573.78 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUITS

UPB1506GV Datasheet (HTML) - Renesas Technology Corp


UPB1506GV Product details

FEATURES
x High toggle frequency : fin = 0.5 GHz to 3.0 GHz
x High-density surface mounting : 8-pin plastic SSOP (175 mil)
x Low current consumption : 5 V, 19 mA
x Selectable high division : y256, y128, y64
x Pin connection variation : PPB1506GV and PPB1507GV




Similar Part No. - UPB1506GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
UPB1506GV-E1 NEC-UPB1506GV-E1 Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
California Eastern Labs
UPB1506GV-E1 CEL-UPB1506GV-E1 Datasheet
140Kb / 11P
NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
More results


Similar Description - UPB1506GV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPB1507GV-E1-A ETC2-UPB1507GV-E1-A Datasheet
718Kb / 16P
BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
logo
Renesas Technology Corp
UPB1502GR RENESAS-UPB1502GR Datasheet
275Kb / 18P
BIPOLAR DIGITAL INTEGRATED CIRCUITS
1999
UPB1508GV RENESAS-UPB1508GV Datasheet
205Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1509GV RENESAS-UPB1509GV Datasheet
246Kb / 18P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1510GV RENESAS-UPB1510GV Datasheet
308Kb / 15P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
UPB1511TB RENESAS-UPB1511TB Datasheet
215Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2000
UPB1512TU RENESAS-UPB1512TU Datasheet
333Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1513TU RENESAS-UPB1513TU Datasheet
322Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1514TU RENESAS-UPB1514TU Datasheet
327Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com