Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC393G2 Datasheet (PDF) - Renesas Technology Corp

UPC393G2 Datasheet PDF - Renesas Technology Corp
Part # UPC393G2
Download  UPC393G2 Download
File Size   245.71 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC393G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC393G2 Datasheet PDF - Renesas Technology Corp

Part # UPC393G2
Download  UPC393G2 Click to download

File Size   245.71 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC393G2 Datasheet (HTML) - Renesas Technology Corp


UPC393G2 Product details

DESCRIPTION
The μPC393 is a dual comparator which is designed
to operate from a single power supply over a wide range
of voltage. Operation from split power supplies is also
possible and the power supply current drain is very low.
Further advantage, the input common-mode voltage includes
ground, even though operated from a single power
supply voltage.
FEATURES
• Common-mode input voltage range includes V–
• Wide supply voltage range
2 V to 32 V (Single)
±1 V to ±16 V (Split)
• Low supply current
• Open collector output




Similar Part No. - UPC393G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC393G2 NEC-UPC393G2 Datasheet
65Kb / 12P
LOW POWER DUAL COMPARATORS
logo
Renesas Technology Corp
UPC393G2 RENESAS-UPC393G2 Datasheet
717Kb / 10P
Small Package Single Power Supply Dual Comparator
2019.1.17
UPC393G2 RENESAS-UPC393G2 Datasheet
351Kb / 9P
Single Power Supply Dual Comparator
Feb.4.25
UPC393G2-AP RENESAS-UPC393G2-AP Datasheet
351Kb / 9P
Single Power Supply Dual Comparator
Feb.4.25
UPC393G25-AP RENESAS-UPC393G25-AP Datasheet
351Kb / 9P
Single Power Supply Dual Comparator
Feb.4.25
More results


Similar Description - UPC393G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com