Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC393G2 Datasheet (PDF) - Renesas Technology Corp

UPC393G2 Datasheet PDF - Renesas Technology Corp
Part # UPC393G2
Download  UPC393G2 Download
File Size   351.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply Dual Comparator

UPC393G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC393G2 Datasheet PDF - Renesas Technology Corp

Part # UPC393G2
Download  UPC393G2 Click to download

File Size   351.95 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Power Supply Dual Comparator

UPC393G2 Datasheet (HTML) - Renesas Technology Corp


UPC393G2 Product details

• Input Offset Voltage ±2 mV (TYP.)
• Input Bias Current 25 nA (TYP.)
• Voltage Gain 200000 (TYP.)
• Pulse Response Time 1.3 μs (TYP.)
• Output Sink Current 16 mA (TYP.)
• A wired OR is possible as the output is an open collector.
• Low Voltage Operation V + - V - : 2 ~ 32 V




Similar Part No. - UPC393G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC393G2 NEC-UPC393G2 Datasheet
65Kb / 12P
LOW POWER DUAL COMPARATORS
logo
Renesas Technology Corp
UPC393G2 RENESAS-UPC393G2 Datasheet
245Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
UPC393G2 RENESAS-UPC393G2 Datasheet
717Kb / 10P
Small Package Single Power Supply Dual Comparator
2019.1.17
More results


Similar Description - UPC393G2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2903 NJRC-NJM2903 Datasheet
240Kb / 5P
SINGLE-SUPPLY DUAL COMPARATOR
logo
Analog Devices
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
Dual 7 ns Single Supply Comparator
REV. A
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2903C NJRC-NJM2903C Datasheet
1Mb / 8P
SINGLE-SUPPLY DUAL COMPARATOR
Ver.11
logo
Renesas Technology Corp
UPC277GR RENESAS-UPC277GR Datasheet
717Kb / 10P
Small Package Single Power Supply Dual Comparator
2019.1.17
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com