Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTR2103L-S08-R Datasheet (PDF) - Unisonic Technologies

UTR2103L-S08-R Datasheet PDF - Unisonic Technologies
Part # UTR2103L-S08-R
Download  UTR2103L-S08-R Download
File Size   187.84 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HALF-BRIDGE DRIVER

UTR2103L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UTR2103L-S08-R Datasheet PDF - Unisonic Technologies

Part # UTR2103L-S08-R
Download  UTR2103L-S08-R Click to download

File Size   187.84 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HALF-BRIDGE DRIVER

UTR2103L-S08-R Datasheet (HTML) - Unisonic Technologies


UTR2103L-S08-R Product details

 DESCRIPTION
The UTR2103 is a high voltage, high speed power MOSF ET
and IGBT drivers with d ependent high- and low-side referenced
output channels. Proprietary HVIC and latch immune CMOS
technologies enable rugge-dized monolithic construction. The logic
input is compatible with standard CMOS or LSTTL output, down to
3.3 V logic. The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduction. The floating
channel can be used to drive an N-channel power MOSFET or
IGBT in the high-side configuration which operates up to 600V.

 FEATURES
* Floating channel designed for bootstrap operation
* Fully operational to 600V
* Tolerant to negative transient voltage, dV/dt immune
* Gate drive supply range from 10V to 20V
* Undervoltage lockout
* 3.3V, 5V, and 15V input logic compatible
* Cross-conduction prevention logic
* Internally set deadtime
* High-side output in phase with input
* Shutdown input turns off both channels
* Matched propagation delay for both channels




Similar Part No. - UTR2103L-S08-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UTR21 MICROSEMI-UTR21 Datasheet
145Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UTR21 DIGITRON-UTR21 Datasheet
165Kb / 3P
FAST RECOVERY RECTIFIERS
More results


Similar Description - UTR2103L-S08-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com