Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTR2103L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTR2103L-S08-R
Description  HALF-BRIDGE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTR2103L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTR2103L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTR2103L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTR2103L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTR2103L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTR2103L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTR2103
Advance
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R105-081.d
HALF-BRIDGE DRIVER
DESCRIPTION
The UTR2103 is a high voltage, high speed power MOSF ET
and IGBT drivers with d ependent high- and low-side referenced
output channels. Proprietary HVIC and latch immune CMOS
technologies enable rugge-dized monolithic construction. The logic
input is compatible with standard CMOS or LSTTL output, down to
3.3 V logic. The output drivers feature a high pulse current buffer
stage designed for minimum driver cross-conduction. The floating
channel can be used to drive an N-channel power MOSFET or
IGBT in the high-side configuration which operates up to 600V.
FEATURES
* Floating channel designed for bootstrap operation
* Fully operational to 600V
* Tolerant to negative transient voltage, dV/dt immune
* Gate drive supply range from 10V to 20V
* Undervoltage lockout
* 3.3V, 5V, and 15V input logic compatible
* Cross-conduction prevention logic
* Internally set deadtime
* High-side output in phase with input
* Shutdown input turns off both channels
* Matched propagation delay for both channels
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UTR2103L-D08-T
UTR2103G-D08-T
DIP-8
Tube
UTR2103L-S08-R
UTR2103G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8


Similar Part No. - UTR2103L-S08-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UTR21 MICROSEMI-UTR21 Datasheet
145Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UTR21 DIGITRON-UTR21 Datasheet
165Kb / 3P
FAST RECOVERY RECTIFIERS
More results

Similar Description - UTR2103L-S08-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com