Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY06CS23K-01ES Datasheet (PDF) - Infineon Technologies AG

BUY06CS23K-01ES Datasheet PDF - Infineon Technologies AG
Part # BUY06CS23K-01ES
Download  BUY06CS23K-01ES Download
File Size   702.25 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 60V Radiation Hard power MOSFET

BUY06CS23K-01ES Datasheet (PDF)

Go To PDF Page Download Datasheet
BUY06CS23K-01ES Datasheet PDF - Infineon Technologies AG

Part # BUY06CS23K-01ES
Download  BUY06CS23K-01ES Click to download

File Size   702.25 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 60V Radiation Hard power MOSFET

BUY06CS23K-01ES Datasheet (HTML) - Infineon Technologies AG


BUY06CS23K-01ES Product details

Features
 Low RDS(on)
 Single Event Effect (SEE) hardened
LET 95, Range: 86μm (Pb) LET 62, Range: 73μm (Xe)
VGS = -5V, VDS = 60V VGS = -15V, VDS = 60V
VGS = -10V, VDS = 50V VGS = -20V, VDS = 40V
 Total Ionisation Dose (TID) hardened
100 kRad approved (Level R)
 Hermetically sealed
 N-channel




Similar Part No. - BUY06CS23K-01ES

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUY11 SEME-LAB-BUY11 Datasheet
11Kb / 1P
Bipolar NPN Device
BUY12 SEME-LAB-BUY12 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Infineon Technologies A...
BUY15CS23J-01 INFINEON-BUY15CS23J-01 Datasheet
441Kb / 8P
HiRel RadHard Power-MOS
V5, May 2016
BUY15CS23K-01 INFINEON-BUY15CS23K-01 Datasheet
591Kb / 8P
HiRel RadHard Power-MOS
V3, Sep 2016
BUY15CS45B-01 INFINEON-BUY15CS45B-01 Datasheet
563Kb / 8P
HiRel RadHard Power-MOS
V3, Sep 2016
More results


Similar Description - BUY06CS23K-01ES

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA1916 DYNEX-MA1916 Datasheet
94Kb / 11P
Radiation Hard Reed-Solomon & Convolution Encoder
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
Radiation Hard 8192x8 Bit Static RAM
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
List of Unclassifed Man...
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
RADIATION HARD MICROPROGRAM CONTROLLER
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
650V Radiation Hard power MOSFET
Issue 2, October 2020
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com