Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7001 Datasheet (PDF) - Dynex Semiconductor

MA7001 Datasheet PDF - Dynex Semiconductor
Part # MA7001
Download  MA7001 Download
File Size   144.12 Kbytes
Page   15 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Radiation Hard 512x9 Bit FIFO

MA7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA7001 Datasheet PDF - Dynex Semiconductor

Part # MA7001
Download  MA7001 Click to download

File Size   144.12 Kbytes
Page   15 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Radiation Hard 512x9 Bit FIFO

MA7001 Datasheet (HTML) - Dynex Semiconductor


MA7001 Product details

The MA7001 512 x 9 FIFO is manufactured using Dynex Semiconductors CMOS-SOS high performance, radiation hard, 3µm technology.
The Dynex Semiconductor Silicon-on-Sapphire process provides significant advantages over bulk silicon substrate technologies In addition to very good total dose hardness and neutron hardness >1015n/cm2, the Dynex Semiconductor technology provides very high transient gamma and single event upset performance without compromising speed of operation The Sapphire substrate also eliminates latch-up giving greater flexibility of use in electrically severe environments.

FEATURES
■ Radiation Hard CMOS-SOS Technology
■ Fast Access Time 60ns Typical
■ Single 5V Supply
■ Inputs Fully TTL and CMOS Compatible
■ -55°C to +125°C Operation




Similar Part No. - MA7001

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7001 MPOWER-MA7001 Datasheet
129Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.4
MA7001AA MPOWER-MA7001AA Datasheet
129Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.4
MA7001B553A MPOWER-MA7001B553A Datasheet
129Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.4
MA7001E MPOWER-MA7001E Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
MA7001EAA MPOWER-MA7001EAA Datasheet
117Kb / 2P
MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.1
More results


Similar Description - MA7001

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
54HSC DYNEX-54HSC Datasheet
92Kb / 10P
Radiation hard 16-Bit ParallelError Detection & Correction
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
Radiation hard 1024x4 Bit Static RAM
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
Radiation Hard 8192x8 Bit Static RAM
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
List of Unclassifed Man...
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
RADIATION HARD MICROPROGRAM SEQUENCER
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
RADIATION HARD MICROPROGRAM CONTROLLER
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
RADIATION HARD 4096 x 1 BIT STATIC RAM
MA3864 ZARLINK-MA3864 Datasheet
250Kb / 11P
RADIATION HARD 8192 x 8 BIT MASK-PROGRAMMABLE ROM
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com