Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5114 Datasheet (PDF) - Dynex Semiconductor

MA5114 Datasheet PDF - Dynex Semiconductor
Part # MA5114
Download  MA5114 Download
File Size   115.22 Kbytes
Page   12 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Radiation hard 1024x4 Bit Static RAM

MA5114 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5114 Datasheet PDF - Dynex Semiconductor

Part # MA5114
Download  MA5114 Click to download

File Size   115.22 Kbytes
Page   12 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Radiation hard 1024x4 Bit Static RAM

MA5114 Datasheet (HTML) - Dynex Semiconductor


MA5114 Product details

The MA5114 4k Static RAM is configured as 1024 x 4 bits and manufactured using CMOS-SOS high performance, radiation hard, 3µm technology.
The design uses a 6 transistor cell and has full static operation with no clock or timing strobe required. Address input buffers are deselected when Chip Select is in the HIGH state.

FEATURES
■ 3µm CMOS-SOS Technology
■ Latch-up Free
■ Fast Access Time 90ns Typical
■ Total Dose 106 Rad(Si)
■ Transient Upset >1010 Rad(Si)/sec
■ SEU <10-10 Errors/bitday
■ Single 5V Supply
■ Three State Output
■ Low Standby Current 50µA Typical
■ -55°C to +125°C Operation
■ All Inputs and Outputs Fully TTL or CMOS Compatible
■ Fully Static Operation
■ Data Retention at 2V Supply




Similar Part No. - MA5114

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA51101BAN MURATA-MA51101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA51101BBN MURATA-MA51101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA51101CAN MURATA-MA51101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA51101CBN MURATA-MA51101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA51101DAN MURATA-MA51101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA5114

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
54HSC DYNEX-54HSC Datasheet
92Kb / 10P
Radiation hard 16-Bit ParallelError Detection & Correction
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
Radiation Hard 512x9 Bit FIFO
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
Radiation Hard 8192x8 Bit Static RAM
logo
Epson Company
SRM20V100 EPSON-SRM20V100 Datasheet
130Kb / 8P
1M-Bit Static RAM
logo
Advanced Micro Devices
AM9150 AMD-AM9150 Datasheet
698Kb / 9P
1024x4 High-Speed Static R/W RAM
logo
Zarlink Semiconductor I...
MA2901 ZARLINK-MA2901 Datasheet
261Kb / 13P
RADIATION HARD 4-BIT MICROPROCESSOR SLICE
logo
Epson Company
SRM2A256LLMX EPSON-SRM2A256LLMX Datasheet
384Kb / 7P
256K-Bit Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Motorola, Inc
MCM6288C MOTOROLA-MCM6288C Datasheet
325Kb / 6P
16K * 4 BIT STATIC RAM
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
RADIATION HARD 4096 x 1 BIT STATIC RAM
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com