Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT3G06 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT3G06 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT3G06
Download  74HCT3G06 Download
File Size   194.98 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverter with open-drain outputs

74HCT3G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT3G06 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT3G06
Download  74HCT3G06 Click to download

File Size   194.98 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverter with open-drain outputs

74HCT3G06 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT3G06 Product details

1. General description
The 74HC3G06; 74HCT3G06 is a triple inverter with open-drain outputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC3G06: CMOS level
• For 74HCT3G06: TTL level
• Complies with JEDEC standard no. 7A
• High noise immunity
• Low power dissipation
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G06 PHILIPS-74HCT3G06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
74HCT3G06 NXP-74HCT3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
74HCT3G06DC PHILIPS-74HCT3G06DC Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
74HCT3G06DC NXP-74HCT3G06DC Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
74HCT3G06DP PHILIPS-74HCT3G06DP Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
More results


Similar Description - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74HC3G06 NXP-74HC3G06 Datasheet
92Kb / 13P
Triple inverter with open-drain outputs
Rev. 03-11 May 2009
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
Triple Inverter Buffer/Driver With Open-Drain Outputs
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com