Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT3G06 Datasheet (PDF) - NXP Semiconductors

74HCT3G06 Datasheet PDF - NXP Semiconductors
Part # 74HCT3G06
Download  74HCT3G06 Download
File Size   92.19 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter with open-drain outputs

74HCT3G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT3G06 Datasheet PDF - NXP Semiconductors

Part # 74HCT3G06
Download  74HCT3G06 Click to download

File Size   92.19 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter with open-drain outputs

74HCT3G06 Datasheet (HTML) - NXP Semiconductors


74HCT3G06 Product details

General description
The 74HC3G06 and 74HCT3G06 are high-speed Si-gate CMOS devices. They provide three inverting buffers with open-drain outputs.
The HC device has CMOS input switching levels and supply voltage range 2 V to 6 V.
The HCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features
■ Wide supply voltage range from 2.0 V to 6.0 V
■ High noise immunity
■ Low power dissipation
■ Multiple package options
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G06 PHILIPS-74HCT3G06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DC PHILIPS-74HCT3G06DC Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
Nexperia B.V. All right...
74HCT3G06DC NEXPERIA-74HCT3G06DC Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
logo
NXP Semiconductors
74HCT3G06DP PHILIPS-74HCT3G06DP Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
More results


Similar Description - 74HCT3G06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06 Datasheet
88Kb / 8P
Triple Inverter with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ06 ONSEMI-NL37WZ06_06 Datasheet
74Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2006 ??Rev. 4
NL37WZ06 ONSEMI-NL37WZ06_12 Datasheet
107Kb / 5P
Triple Inverter with Open Drain Outputs
April, 2012 ??Rev. 6
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
Triple Inverter Buffer/Driver With Open-Drain Outputs
logo
ON Semiconductor
NL37WZ06 ONSEMI-NL37WZ06_V01 Datasheet
162Kb / 11P
Triple Inverter with Open Drain Outputs
June, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
logo
Nexperia B.V. All right...
74HCT3G06 NEXPERIA-74HCT3G06 Datasheet
194Kb / 10P
Triple inverter with open-drain outputs
Rev. 5 - 1 May 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com