Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9201A Datasheet (PDF) - Holtek Semiconductor Inc

HT9201A Datasheet PDF - Holtek Semiconductor Inc
Part # HT9201A
Download  HT9201A Download
File Size   396.71 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Simple Tone Dialer

HT9201A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9201A Datasheet PDF - Holtek Semiconductor Inc

Part # HT9201A
Download  HT9201A Click to download

File Size   396.71 Kbytes
Page   7 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Simple Tone Dialer

HT9201A Datasheet (HTML) - Holtek Semiconductor Inc


HT9201A Product details

General Description
The HT9201A/B tone dialers are CMOS LSIs designed for telecommunication systems. The HT9201A is for mute output whereas the HT9201B is for flash output. Both dialers provide good performance for regular DTMF dialing with low distortion output and minimal external components.

Features
• Operating voltage: 2.0V~5.5V
• Low standby current
• 4×4 keyboard matrix
• 3.58MHz crystal or ceramic resonator
• Four flash key times selectable for the HT9201B




Similar Part No. - HT9201A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200 HOLTEK-HT9200 Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
logo
SYC Electronica
HT9200A SYC-HT9200A Datasheet
235Kb / 8P
DTMF Generators
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
More results


Similar Description - HT9201A

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
TONE/PULSE DIALER
UM91214 UMC-UM91214 Datasheet
817Kb / 13P
Tone / Pulse Dialer
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
ONE KEY DIALER TONE DIALER
logo
Sharp Corporation
LR4089B SHARP-LR4089B Datasheet
320Kb / 6P
Tone Dialer LSI
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
Tone Dialer
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
TONE DIALER
logo
List of Unclassifed Man...
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
TONE DIALER
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
DTMF Tone Dialer LSI
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
TONE DIALER LSI
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
Tone/Pulse Dialer
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com