Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9200A Datasheet (PDF) - Holtek Semiconductor Inc

HT9200A Datasheet PDF - Holtek Semiconductor Inc
Part # HT9200A
Download  HT9200A Download
File Size   139.62 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Generators

HT9200A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9200A Datasheet PDF - Holtek Semiconductor Inc

Part # HT9200A
Download  HT9200A Click to download

File Size   139.62 Kbytes
Page   14 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description DTMF Generators

HT9200A Datasheet (HTML) - Holtek Semiconductor Inc


HT9200A Product details

General Description
The HT9200A/B tone generators are designed for MCU interfaces. They can be instructed by a MCU to generate 16 dual tones and 8 single tones from the DTMF pin. The HT9200A provides a serial mode whereas the HT9200B contains a selectable serial/parallel mode interface for various applications such as security systems, home automation, remote control through telephone lines, communication systems, etc.

Features
• Operating voltage: 2.5V~5.5V
• Serial mode for the HT9200A
• Serial/parallel mode for the HT9200B
• Low standby current
• Low total harmonic distortion
• 3.58MHz crystal or ceramic resonator
• HT9200A: 8-pin DIP/SOP package
    HT9200B: 14-pin SOP package




Similar Part No. - HT9200A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
logo
SYC Electronica
HT9200A SYC-HT9200A Datasheet
235Kb / 8P
DTMF Generators
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results


Similar Description - HT9200A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
logo
List of Unclassifed Man...
SC9200 ETC-SC9200 Datasheet
124Kb / 9P
DTMF GENERATORS
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
DTMF Filter
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com