Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005 Datasheet (PDF) - OKI electronic componets

ML7005 Datasheet PDF - OKI electronic componets
Part # ML7005
Download  ML7005 Download
File Size   202.97 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DTMF Transceiver

ML7005 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML7005 Datasheet PDF - OKI electronic componets

Part # ML7005
Download  ML7005 Click to download

File Size   202.97 Kbytes
Page   25 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DTMF Transceiver

ML7005 Datasheet (HTML) - OKI electronic componets


ML7005 Product details

GENERAL DESCRIPTION

The ML7005 is a multi-functional DTMF transceiver LSI with built-in a DTMF signal generator, a DTMF signal receiver, a call progress tone generator, a call progress tone detector, and a FAX

(FX) signal detector.



FEATURES

• Wide range of power supply voltage : +2.7 V to +5.5 V

• Low power consumption

   Operating mode : 4.0 mA (VDD = 3 V) Typ.

   Operating mode : 5.0 mA (VDD = 5 V) Typ.

   Power down mode : 1 mA Typ.

• The 4-bit processor interface supports both the Intel processor mode in which a read signal and

a write signal are used independently of each other, and the Motorola processor mode in which

a read signal and a write signal are used in common.

• The DTMF receiver can select either the high-speed detection mode (signal repeat time: more

than 60 ms) or the normal detection mode (signal repeat time: more than 90 ms).

• Built-in call progress tone generator

• Built-in FAX signal (FX: 1300 Hz) detector

• The DTMF signal generator, DTMF signal detector, call progress tone generator, and call

progress tone detector can operate concurrently.

• Built-in 3.579545 MHz crystal oscillator circuit

• Package :

   32-pin plastic SSOP (SSOP32-P-430-1.00-K) (Product name: ML7005MB)




Similar Part No. - ML7005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
More results


Similar Description - ML7005

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
M-8880 DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
DTMF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com