Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7524 Datasheet (PDF) - OKI electronic componets

MSM7524 Datasheet PDF - OKI electronic componets
Part # MSM7524
Download  MSM7524 Download
File Size   128.94 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DTMF Transceiver

MSM7524 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7524 Datasheet PDF - OKI electronic componets

Part # MSM7524
Download  MSM7524 Click to download

File Size   128.94 Kbytes
Page   21 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DTMF Transceiver

MSM7524 Datasheet (HTML) - OKI electronic componets


MSM7524 Product details

GENERAL DESCRIPTION

The MSM7524 is the single chip DTMF transceiver –generator/receiver– with the call progress

tone generator/detector and the special tone –1300 Hz in the first version, possible to be

modified–detector.

Each function block can be controlled by an external MCU via 4-bit processor interface.

The chip operates with +5 V single supply with low power consumption, and is suitable for the telephone terminal equipment.



FEATURES

• Power supply voltage : +5 V ±10%

• Low power consumption

  Operating mode : 8 mA Typ.

  Power down mode : 10 mA Typ.

• 4-bit processor interface

• Dynamic range of DTMF receiver : 40 dB

• Low signal distortion output from DTMF generator

• Call progress tone detector : 330 to 640 Hz

• Call progress tone generator : 350/400/440/480 Hz

• Special tone detector: 1300 Hz ±20 Hz (for FAX)

• 3.58 MHz crystal oscillator circuit on chip

• Package :

  32-pin plastic SSOP (SSOP32-P-430-1.00–K) (Product name : MSM7524GS-K)




Similar Part No. - MSM7524

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
More results


Similar Description - MSM7524

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
M-8880 DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
DTMF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com