Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-8880 Datasheet (PDF) - Clare, Inc.

M-8880 Datasheet PDF - Clare, Inc.
Part # M-8880
Download  M-8880 Download
File Size   841.0 Kbytes
Page   13 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description M-8880 DTMF Transceiver

M-8880 Datasheet (PDF)

Go To PDF Page Download Datasheet
M-8880 Datasheet PDF - Clare, Inc.

Part # M-8880
Download  M-8880 Click to download

File Size   841.0 Kbytes
Page   13 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description M-8880 DTMF Transceiver

M-8880 Datasheet (HTML) - Clare, Inc.


M-8880 Product details

The M-8880 is a complete DTMF Transmitter/Receiver that features adjustable guard time, automatic tone burst mode, call progress mode, and a fully compatible 6500/6800 microprocessor interface.

• Advanced CMOS technology for low power consumption
   and increased noise immunity
• Complete DTMF transmitter/receiver in a single chip
• Standard 6500/6800 series microprocessor port
• Central office quality and performance
• Adjustable guard time
• Automatic tone burst mode
• Call progress mode
• Single +5 Volt power supply
• 20-pin DIP and SOIC packages
• 2 MHz microprocessor port operation
• Inexpensive 3.58 MHz crystal
• No continuous f2 clock required, only strobe
• Applications include: paging systems,
   repeater systems/mobile radio, interconnect dialers,
   PBX systems, computer systems, fax machines,
   pay telephones, credit card verification




Similar Part No. - M-8880

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
457Kb / 14P
DTMF Transceiver
M-8888-01 CLARE-M-8888-01 Datasheet
451Kb / 14P
DTMF Transceiver
M-8888-01P CLARE-M-8888-01P Datasheet
451Kb / 14P
DTMF Transceiver
M-8888-01P CLARE-M-8888-01P Datasheet
457Kb / 14P
DTMF Transceiver
More results


Similar Description - M-8880

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
DTMF Transceiver
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com