Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5360 Datasheet (PDF) - Silicon Mitus, Inc.

SM5360 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5360
Download  SM5360 Download
File Size   231.41 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description USB Type-C VBUS Combo Switch with Protection

SM5360 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5360 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5360
Download  SM5360 Click to download

File Size   231.41 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description USB Type-C VBUS Combo Switch with Protection

SM5360 Datasheet (HTML) - Silicon Mitus, Inc.


SM5360 Product details

Features
 USB Type-C VBUS Sink/Source Combo Switch with Protection
 Wide operation voltage range
o VSYS operation voltage range: 2.7V to 5.5V
o VBUS operation voltage range: 2.8V to 20V
o VOTG operation voltage range: 4.0V to 9V
 Integrated two ultra-Low RDSON switches
o VBUS to VCHG bi-directional switch: 22mΩ (typical)
o VOTG to VBUS switch: 33mΩ (typical)
 Integrated high voltage LDO powered by VBUS and VOTG
 Support high voltage sink mode: VBUS to VCHG, up
20V/5A with I2C programmable OVP
 Built in 2-Stage SCP for supporting Intel CPU turbo boost mode
o 1st SCP: 7.5A with 1ms debounce time
o 2nd SCP: 13A without debounce time
 Support high voltage source modes
o VCHG to VBUS, I2C programmable over current protection up to 20V/3.4A
o VOTG to VBUS, I2C programmable over current limiting up to 9V/3.4A
 Support Fast plus I2C interface bus
 Ultra-fast OVP Response Time: 30ns
 Protections: Over Voltage Protection, Short Circuit Protection, Reverse Current Blocking Protection, Thermal Shutdown Temperature
 Compliance to IEC61000-4-2 (ESD) on VBUS
o Air: ±15kV, Contact: ±8kV
 Compliance to IEC61000-4-5 (Surge): ±100V
 UL 62368-1: File No. E517258
 IEC 62368-1: File No. DK-105540-UL
 42-Bump, WLCSP 2.51mm x 2.91mm
Applications
 Smartphones, Tablet PC, Note PC, Mobile IOT Devices




Similar Part No. - SM5360

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM536-1 BOURNS-SM536-1 Datasheet
182Kb / 1P
Line Transformers
logo
Datatronic Distribution...
SM536-1 DATATRONICS-SM536-1 Datasheet
98Kb / 1P
ADSL Line Transformers
logo
Bourns Electronic Solut...
SM536-1E BOURNS-SM536-1E Datasheet
182Kb / 1P
Line Transformers
SM536-1EL BOURNS-SM536-1EL Datasheet
182Kb / 1P
Line Transformers
logo
Silicon Mitus, Inc.
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
More results


Similar Description - SM5360

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
NXP Semiconductors
NX20P3483UK NXP-NX20P3483UK Datasheet
5Mb / 43P
USB PD and Type-C high voltage sink/source combo switch with protection
Rev. 2-4 March 2019
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
logo
Silicon Mitus, Inc.
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com