Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5362 Datasheet (PDF) - Silicon Mitus, Inc.

SM5362 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5362
Download  SM5362 Download
File Size   218.16 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description USB Type-C High Voltage Load Switch with Protection

SM5362 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5362 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5362
Download  SM5362 Click to download

File Size   218.16 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description USB Type-C High Voltage Load Switch with Protection

SM5362 Datasheet (HTML) - Silicon Mitus, Inc.


SM5362 Product details

Features
 Load switch with current limit and OVP
 Input Operation Voltage Range: 2.5V to 13V
 Absolute Maximum Voltage Rating of VOUT: 28V
 Adjustable Current Limit: Max 2.5A
 Integrated MOSFET switch with 58mΩ RDS_ON @ 5V/1A
 Built in Soft Start to prevent inrush current
 Fast VOUT Discharge
 Protection
o Thermal Shutdown Protection (TSD)
o Over Voltage Protection (OVP)
- SM5362/SM5362C: 14V
- SM5362A: 10.5V
- SM5362B: 5.8V
o Programmable Over Current Protection (except
SM5362C)
o Reverse Current Blocking Protection
 Current Sensing Output (SM5362C)
 Compliance to IEC61000-4-2 (ESD) on VOUT
o Air: ±15kV, Contact: ±8kV
 9-Bump, WLCSP 1.25mm x 1.25mm
Applications
 Smartphones, Tablet PC, Note PC
 Mobile IOT Devices




Similar Part No. - SM5362

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM536-1 BOURNS-SM536-1 Datasheet
182Kb / 1P
Line Transformers
logo
Datatronic Distribution...
SM536-1 DATATRONICS-SM536-1 Datasheet
98Kb / 1P
ADSL Line Transformers
logo
Bourns Electronic Solut...
SM536-1E BOURNS-SM536-1E Datasheet
182Kb / 1P
Line Transformers
SM536-1EL BOURNS-SM536-1EL Datasheet
182Kb / 1P
Line Transformers
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
More results


Similar Description - SM5362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
NXP Semiconductors
NX20P3483UK NXP-NX20P3483UK Datasheet
5Mb / 43P
USB PD and Type-C high voltage sink/source combo switch with protection
Rev. 2-4 March 2019
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
logo
Diodes Incorporated
AP25810LQ DIODES-AP25810LQ Datasheet
1Mb / 25P
USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION
October 2022 Rev. 3 - 2
logo
ON Semiconductor
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com