Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5470 Datasheet (PDF) - Silicon Mitus, Inc.

SM5470 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5470
Download  SM5470 Download
File Size   881.43 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode

SM5470 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5470 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5470
Download  SM5470 Click to download

File Size   881.43 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode

SM5470 Datasheet (HTML) - Silicon Mitus, Inc.


SM5470 Product details

Features
Integrated External OVP Switch Controller with a VeryFast Response time
Highly Integrated Switched Capacitor Charger with a Dualmode
o Maximum 6A Charging Current at 2:1 mode
o Maximum 4A Charging Current at 1:1 mode
97.3% Efficiency at VBAT=4V and IBAT=2A at 2:1 mode
Embedded Infinite Regulation Loop with an internal QRBSwitch
o VBAT Output Voltage Regulation
o IBAT Output Current Regulation
Very Accurate 5-Channel ADC with 12-Bit Resolution
o VBUS Input Voltage with 4mV Resolution
o IBUS Input Current with 2mA Resolution
o VBAT Output Voltage with 2mV Resolution
o IBAT Output Current with 2mA Resolution
o Die Temperature with 1°C Resolution
Smart Protections
o Programmable Input/Output Over-Voltage Protection
o Programmable Input/Output Over-Current Protection
o Programmable Input Under-Current Protection
o Flying Capacitor Short Protection
o Die Thermal Shutdown
o Watchdog Timer
Up to 1MHz Fast-mode Plus I2C Interface
36-Bump, 2.65mm x 2.65mm WLCSP Package
Applications
Smartphones, Tablet PC, Mobile IOT and PortableDevices




Similar Part No. - SM5470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5470 ETC2-SM5470 Datasheet
396Kb / 4P
Low Cost Packaged Pressure Sensors
SM5470-001-A-B ETC2-SM5470-001-A-B Datasheet
396Kb / 4P
Low Cost Packaged Pressure Sensors
SM5470-001-A-C ETC2-SM5470-001-A-C Datasheet
396Kb / 4P
Low Cost Packaged Pressure Sensors
SM5470-001-D-B ETC2-SM5470-001-D-B Datasheet
396Kb / 4P
Low Cost Packaged Pressure Sensors
SM5470-001-D-C ETC2-SM5470-001-D-C Datasheet
396Kb / 4P
Low Cost Packaged Pressure Sensors
More results


Similar Description - SM5470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
National Semiconductor ...
LM2770 NSC-LM2770 Datasheet
796Kb / 14P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Texas Instruments
BQ24640 TI-BQ24640 Datasheet
703Kb / 25P
High-Efficiency Synchronous Switch-Mode Super Capacitor Charger
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
logo
Intersil Corporation
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
Very low noise without bypass capacitor
11-Feb-2014
logo
Dialog Semiconductor
DA9313 DIALOG-DA9313 Datasheet
838Kb / 54P
High Efficiency Dual Cell Switched Capacitor Divider
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
SM5451 SILICONMITUS-SM5451 Datasheet
733Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Quadruple Mode
May 2021 Rev. 1.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com