Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet (PDF) - Renesas Technology Corp

DA9313 Datasheet PDF - Renesas Technology Corp
Part # DA9313
Download  DA9313 Download
File Size   810.35 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Dual Cell Switched Capacitor Divider

DA9313 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9313 Datasheet PDF - Renesas Technology Corp

Part # DA9313
Download  DA9313 Click to download

File Size   810.35 Kbytes
Page   58 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Dual Cell Switched Capacitor Divider

DA9313 Datasheet (HTML) - Renesas Technology Corp


DA9313 Product details

Key Features
■ 2S to 1S power voltage converter
■ 5 V to 10.5 V input voltage (2S Li-ion stacked
battery pack)
■ 10 A total output current (standalone)
■ 20 A total output current (master/slave)
■ 1.0 mm max external components height
■ Integrated power switches
■ I2C compatible interface
■ VOUT = ½ VIN
■ High and flat efficiency, up to 98 %
■ Typical 55 μA quiescent current (standalone)
□ Typical 70 μA total quiescent current in
master/slave configuration
■ Package 43 WLCSP (RouteEasy™ equivalent
to 0.65 mm pitch)




Similar Part No. - DA9313

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9313 DIALOG-DA9313 Datasheet
838Kb / 54P
High Efficiency Dual Cell Switched Capacitor Divider
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
DA9313-XXVK2 RENESAS-DA9313-XXVK2  Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
DA9313-XXVK6 RENESAS-DA9313-XXVK6 Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
DA9313 RENESAS-DA9313_V01 Datasheet
816Kb / 55P
High Efficiency Dual Cell Switched Capacitor Divider
16-Jun-2023
More results


Similar Description - DA9313

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
High Performance Dual Switched Capacitor Filter
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
HIGH EFFICIENCY SWITCHED MODE RECTIFIER
Oct-1999
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
logo
National Semiconductor ...
LM2788 NSC-LM2788 Datasheet
372Kb / 12P
120mA High Efficiency Step-Down Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
logo
Dialog Semiconductor
DA9313 DIALOG-DA9313 Datasheet
838Kb / 54P
High Efficiency Dual Cell Switched Capacitor Divider
logo
Silicon Mitus, Inc.
SM5470 SILICONMITUS-SM5470 Datasheet
881Kb / 2P
A Very High Efficiency Switched Capacitor 6A Charger with Bypass Mode
July 2021 Rev. 0.0.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com