Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7490 Datasheet (PDF) - Maxim Integrated Products

MAX7490 Datasheet PDF - Maxim Integrated Products
Part # MAX7490
Download  MAX7490 Download
File Size   343.78 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Universal Switched-Capacitor Filters

MAX7490 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7490 Datasheet PDF - Maxim Integrated Products

Part # MAX7490
Download  MAX7490 Click to download

File Size   343.78 Kbytes
Page   18 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Universal Switched-Capacitor Filters

MAX7490 Datasheet (HTML) - Maxim Integrated Products


MAX7490 Product details

General Description
The MAX7490/MAX7491 consist of two identical low power, low-voltage, wide dynamic range, rail-to-rail, 2nd-order switched-capacitor building blocks. Each of the two filter sections, together with two to four external resistors, can generate all standard 2nd-order functions: bandpass, lowpass, highpass, and notch (band reject). Three of these functions are simultaneously available. Fourth-order filters can be obtained by cascading the two 2nd-order filter sections. Similarly, higher order filters can easily be created by cascading multiple MAX7490/MAX7491s.

Features
♦ Dual 2nd-Order Filter in a 16-Pin QSOP Package
♦ High Accuracy Q Accuracy: ±0.2% Clock-to-Center Frequency Error: ±0.2%
♦ Rail-to-Rail Input and Output Operation
♦ Single-Supply Operation: +5V (MAX7490) or +3V (MAX7491)
♦ Internal or External Clock
♦ Highpass, Lowpass, Bandpass, and Notch Filters
♦ Clock-to-Center Frequency Ratio of 100:1
♦ Internal Sampling-to-Center Frequency Ratio of 200:1
♦ Center Frequency up to 40kHz
♦ Easily Cascaded for Multipole Filters
♦ Low-Power Shutdown: < 1µA Supply Current

Applications
    Tunable Active Filters
    Multipole Filters
    ADC Anti-Aliasing
    Post-DAC Filtering
    Adaptive Filtering
    Phase-Locked Loops (PLLs)
    Set-Top Boxes




Similar Part No. - MAX7490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Analog Devices
MAX7490 AD-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
MAX7490CEE AD-MAX7490CEE Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
logo
Maxim Integrated Produc...
MAX7490CEE+ MAXIM-MAX7490CEE+ Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Analog Devices
MAX7490EEE AD-MAX7490EEE Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1
More results


Similar Description - MAX7490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com