Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7490 Datasheet (PDF) - Analog Devices

MAX7490 Datasheet PDF - Analog Devices
Part # MAX7490
Download  MAX7490 Download
File Size   360.52 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Universal Switched-Capacitor Filters

MAX7490 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7490 Datasheet PDF - Analog Devices

Part # MAX7490
Download  MAX7490 Click to download

File Size   360.52 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Universal Switched-Capacitor Filters

MAX7490 Datasheet (HTML) - Analog Devices


MAX7490 Product details

Features
 Dual 2nd-Order Filter in a 16-Pin QSOP Package
 High Accuracy
Q Accuracy: ±0.2%
Clock-to-Center Frequency Error: ±0.2%
 Rail-to-Rail Input and Output Operation
 Single-Supply Operation: +5V (MAX7490)
or +3V (MAX7491)
 Internal or External Clock
 Highpass, Lowpass, Bandpass, and Notch Filters
 Clock-to-Center Frequency Ratio of 100:1
 Internal Sampling-to-Center Frequency Ratio
of 200:1
 Center Frequency up to 40kHz
 Easily Cascaded for Multipole Filters
 Low-Power Shutdown: < 1μA Supply Current




Similar Part No. - MAX7490

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE+ MAXIM-MAX7490CEE+ Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
More results


Similar Description - MAX7490

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490_09 Datasheet
360Kb / 18P
Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
Universal Monolithic Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
MF10-N Universal Monolithic Dual Switched Capacitor Filter
LMF100 TI-LMF100_15 Datasheet
1Mb / 40P
LMF100 Dual High-Performance Switched Capacitor Filters
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
Dual High-Performance Switched Capacitor Filters
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
Universal Monolithic Dual Switched Capacitor Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com