Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO5411-RU Datasheet (PDF) - Infineon Technologies AG

LO5411-RU Datasheet PDF - Infineon Technologies AG
Part # LO5411-RU
Download  LO5411-RU Download
File Size   75.63 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5 mm (T1 쩐) LED, Non Diffused Super-Bright LED

LO5411-RU Datasheet (PDF)

Go To PDF Page Download Datasheet
LO5411-RU Datasheet PDF - Infineon Technologies AG

Part # LO5411-RU
Download  LO5411-RU Click to download

File Size   75.63 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 5 mm (T1 쩐) LED, Non Diffused Super-Bright LED

LO5411-RU Datasheet (HTML) - Infineon Technologies AG


LO5411-RU Product details

Features
• package: clear 5 mm (T1 ¾) package, colored (super-red and yellow), colorless (orange and green)
• feature of the device: narrow viewing angle
• wavelength: 628 nm (super-red), 590 nm (yellow), 570 nm (green)
• viewing angle: narrow (20°)
• technology: GaAlP
• optical efficiency: 1.5 lm/W (super-red, orange, yellow), 2.5 lm/W (green)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel

Applications
• optical indicators
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting) • interior automotive lighting. (e.g. key backlighting, etc.)
• substitution of micro incandescent lamps




Similar Part No. - LO5411-RU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LO5411-RU SIEMENS-LO5411-RU Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results


Similar Description - LO5411-RU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com