Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5436 Datasheet (PDF) - Siemens Semiconductor Group

LS5436 Datasheet PDF - Siemens Semiconductor Group
Part # LS5436
Download  LS5436 Download
File Size   64.61 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED

LS5436 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5436 Datasheet PDF - Siemens Semiconductor Group

Part # LS5436
Download  LS5436 Click to download

File Size   64.61 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED

LS5436 Datasheet (HTML) - Siemens Semiconductor Group


LS5436 Product details

Features
● colored, diffused package
● optical coupling into light pipes
● for use as optical indicator
● solder leads with stand-off
● available taped on reel
● load dump resistant acc. to DIN 40839




Similar Part No. - LS5436

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
colorless, clear 5 mm package
More results


Similar Description - LS5436

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5464 SIEMENS-LH5464 Datasheet
284Kb / 7P
5 mm T1 3/4 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com