Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5436 Datasheet (PDF) - OSRAM GmbH

LS5436 Datasheet PDF - OSRAM GmbH
Part # LS5436
Download  LS5436 Download
File Size   347.35 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm package

LS5436 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5436 Datasheet PDF - OSRAM GmbH

Part # LS5436
Download  LS5436 Click to download

File Size   347.35 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm package

LS5436 Datasheet (HTML) - OSRAM GmbH


LS5436 Product details

Features
• package: colorless, clear 5 mm (T1 ¾) package
• feature of the device: solder leads without stand-off
• wavelength: 632 nm (super-red), 617 nm (amber), 605 nm (orange), 587 nm (yellow)
• viewing angle: 40°
• technology: InGaAlP
• optical efficiency: 11 lm/W (yellow, orange, amber), 7 lm/W (super-red)
• grouping parameter: luminous intensity
• soldering methods: TTW soldering
• packing: bulk, available taped on reel

Applications
• indoor and outdoor displays (e.g. displays for traffic; light writing displays)
• optical indicators
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting. (e.g. dashboard backlighting, etc.)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LS5436

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LS5436-SO SIEMENS-LS5436-SO Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
More results


Similar Description - LS5436

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CHDELSS1.22-S1T2-1 OSRAM-CHDELSS1.22-S1T2-1 Datasheet
630Kb / 22P
white SMT package, colorless clear
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
colorless, clear 5 mm package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
colorless, clear 5 mm package
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
colorless, diffused 5 mm package
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
colorless, clear 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
colorless, clear 5 mm (T1 쩐) package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
colorless, clear 5 mm (T1쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com