Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-543C Datasheet (PDF) - OSRAM GmbH

LB-543C Datasheet PDF - OSRAM GmbH
Part # LB-543C
Download  LB-543C Download
File Size   253.44 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm (T1 쩐) package

LB-543C Datasheet (PDF)

Go To PDF Page Download Datasheet
LB-543C Datasheet PDF - OSRAM GmbH

Part # LB-543C
Download  LB-543C Click to download

File Size   253.44 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm (T1 쩐) package

LB-543C Datasheet (HTML) - OSRAM GmbH




Similar Part No. - LB-543C

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
LB-5 RICHCO-LB-5 Datasheet
33Kb / 1P
LOCKING BUTTON
logo
List of Unclassifed Man...
LB-500-100 ETC2-LB-500-100 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-500-100 ETC2-LB-500-100 Datasheet
109Kb / 1P
170 through 600 Amperes
LB-500-50 ETC2-LB-500-50 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-500-50 ETC2-LB-500-50 Datasheet
109Kb / 1P
170 through 600 Amperes
More results


Similar Description - LB-543C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
colorless, clear 5 mm package
LB543C OSRAM-LB543C Datasheet
253Kb / 15P
colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
colorless, clear 5 mm package
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
colorless, clear 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
colorless, clear 5 mm (T1쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com