Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB543C Datasheet (PDF) - OSRAM GmbH

LB543C Datasheet PDF - OSRAM GmbH
Part # LB543C
Download  LB543C Download
File Size   253.44 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm package

LB543C Datasheet (PDF)

Go To PDF Page Download Datasheet
LB543C Datasheet PDF - OSRAM GmbH

Part # LB543C
Download  LB543C Click to download

File Size   253.44 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 5 mm package

LB543C Datasheet (HTML) - OSRAM GmbH




Similar Part No. - LB543C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LB5433-Q OSRAM-LB5433-Q Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LB5433-QS OSRAM-LB5433-QS Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LB5433-R OSRAM-LB5433-R Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
LB5433-S OSRAM-LB5433-S Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
More results


Similar Description - LB543C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CHDELSS1.22-S1T2-1 OSRAM-CHDELSS1.22-S1T2-1 Datasheet
630Kb / 22P
white SMT package, colorless clear
LA543B OSRAM-LA543B Datasheet
340Kb / 13P
colorless, clear 5 mm package
LS5436 OSRAM-LS5436 Datasheet
347Kb / 13P
colorless, clear 5 mm package
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
colorless, diffused 5 mm package
LW541C OSRAM-LW541C Datasheet
499Kb / 14P
colorless, clear 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
colorless, clear 5 mm (T1 쩐) package
LW-541C OSRAM-LW-541C Datasheet
499Kb / 14P
colorless, clear 5 mm (T1쩐) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com