Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK376 Datasheet (PDF) - OSRAM GmbH

LSK376 Datasheet PDF - OSRAM GmbH
Part # LSK376
Download  LSK376 Download
File Size   473.56 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 3 mm (T1) package with specially shaped lens

LSK376 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSK376 Datasheet PDF - OSRAM GmbH

Part # LSK376
Download  LSK376 Click to download

File Size   473.56 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 3 mm (T1) package with specially shaped lens

LSK376 Datasheet (HTML) - OSRAM GmbH


LSK376 Product details

Hyper ARGUS® LED Hyper-Bright, 3mm (T1) LED, Non Diffused



Features

• package:colorless, clear 3 mm (T1) package with specially shaped lens

• feature of the device:for backlighting and LCDs with use of a reflector; solder leads with

stand-off

• wavelength:633 nm (super-red), 606 nm (orange), 587 nm (yellow)

• viewing angle:matched to use with external reflector, see diagram

• technology:InGaAlP

• optical efficiency:11 lm/W (yellow, orange), 7 lm/W (super-red)

• grouping parameter:luminous flux

• soldering methods:TTW soldering

• packing:bulk, available taped on reel

• ESD-withstand voltage:up to 2 kV acc. to EOS/ESD-5.1-1993



Applications

• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)

• interior automotive lighting (e.g. dashboard backlighting, etc.)

• coupling into light guides



 




Similar Part No. - LSK376

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK376-QT SIEMENS-LSK376-QT Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK376-R SIEMENS-LSK376-R Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK376-RU SIEMENS-LSK376-RU Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK376-S SIEMENS-LSK376-S Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
More results


Similar Description - LSK376

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
dome-shaped clear lens
logo
OSRAM GmbH
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
colorless, micro diffused 3 mm (T1) package
LS-K376 OSRAM-LS-K376 Datasheet
107Kb / 9P
colorless, clear 3 mm (T1) package with specially shaped lens
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
colorless, clear 5 mm (T1 쩐) package
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com