Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-K376 Datasheet (PDF) - OSRAM GmbH

LS-K376 Datasheet PDF - OSRAM GmbH
Part # LS-K376
Download  LS-K376 Download
File Size   107.67 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 3 mm (T1) package with specially shaped lens

LS-K376 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-K376 Datasheet PDF - OSRAM GmbH

Part # LS-K376
Download  LS-K376 Click to download

File Size   107.67 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description colorless, clear 3 mm (T1) package with specially shaped lens

LS-K376 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - LS-K376

ManufacturerPart #DatasheetDescription
logo
AG Electronica
LS-00030 AGELECTRONICA-LS-00030 Datasheet
154Kb / 1P
HOLDER PARA 2 BATERIAS TIPO AA
26/03/2018
LS-00038 AGELECTRONICA-LS-00038 Datasheet
179Kb / 1P
Motor C3 Gear Box
09/05/2019
LS-00039 AGELECTRONICA-LS-00039 Datasheet
224Kb / 1P
Motor 301 Gear Box B
10/05/2019
LS-00041 AGELECTRONICA-LS-00041 Datasheet
230Kb / 1P
Motor DC (6V) con alto Torque
10/05/2019
LS-00046 AGELECTRONICA-LS-00046 Datasheet
195Kb / 1P
Motor de Vibración
10/05/2019
More results


Similar Description - LS-K376

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX718 VCC-CNX718 Datasheet
164Kb / 2P
dome-shaped clear lens
logo
OSRAM GmbH
LPK376 OSRAM-LPK376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LSK376 OSRAM-LSK376 Datasheet
473Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LB-3333 OSRAM-LB-3333 Datasheet
471Kb / 13P
colorless, micro diffused 3 mm (T1) package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LB-543C OSRAM-LB-543C Datasheet
253Kb / 15P
colorless, clear 5 mm (T1 쩐) package
LP-K376 OSRAM-LP-K376 Datasheet
307Kb / 12P
colorless, clear 3 mm (T1) package with specially shaped lens
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-5436 OSRAM-LS-5436 Datasheet
347Kb / 13P
colorless, clear 5 mm (T1 쩐) package
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com