Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-K376 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LS-K376
Description  colorless, clear 3 mm (T1) package with specially shaped lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-K376 Datasheet(HTML) 4 Page - OSRAM GmbH

  LS-K376 Datasheet HTML 1Page - OSRAM GmbH LS-K376 Datasheet HTML 2Page - OSRAM GmbH LS-K376 Datasheet HTML 3Page - OSRAM GmbH LS-K376 Datasheet HTML 4Page - OSRAM GmbH LS-K376 Datasheet HTML 5Page - OSRAM GmbH LS-K376 Datasheet HTML 6Page - OSRAM GmbH LS-K376 Datasheet HTML 7Page - OSRAM GmbH LS-K376 Datasheet HTML 8Page - OSRAM GmbH LS-K376 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2000-09-19
4
LS K376, LA K376, LO K376, LY K376,
Kennwerte (
T
A =25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LA
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F =20 mA
l
peak
645
622
610
591
nm
Dominantwellenlänge
(typ.)
Dominant wavelength
I
F =20 mA
l
dom
632
615
605
587
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F =20 mA
Dl
16
16
16
15
nm
Durchlassspannung
(typ.)
Forward voltage
(max.)
I
F =20 mA
V
F
V
F
2.0
2.5
2.0
2.5
2.0
2.5
2.0
2.5
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R =3 V
I
R
I
R
0.01
10
0.01
10
0.01
10
0.01
10
mA
mA
Temperaturkoeffizient von
l
peak
(typ.)
Temperature coefficient of
l
peak
I
F =20 mA
TClpeak
0.14 0.13 0.13 0.13 nm/K
Temperaturkoeffizient von
l
dom
(typ.)
Temperature coefficient of
l
dom
I
F =20 mA
TCldom
0.01 0.06 0.07 0.10 nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F =20 mA
TC
V
–2.0 –1.8 –1.7 – 2.5 mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F =20 mA
h
opt
7
111111
lm/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com