Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5436 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS5436
Description  Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5436 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS5436 Datasheet HTML 1Page - Siemens Semiconductor Group LS5436 Datasheet HTML 2Page - Siemens Semiconductor Group LS5436 Datasheet HTML 3Page - Siemens Semiconductor Group LS5436 Datasheet HTML 4Page - Siemens Semiconductor Group LS5436 Datasheet HTML 5Page - Siemens Semiconductor Group LS5436 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
1998-09-18
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS, LO, LA
LY
Betriebstemperatur
Operating temperature range
T
op
– 55 ... + 100
˚C
Lagertemperatur
Storage temperature range
T
stg
– 55 ... + 100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
30
20
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
1
0.2
A
Sperrspanung1)
Reverse voltage1)
V
R
3V
Verlustleistung
Power dissipation
T
A ≤ 25 ˚C
P
tot
80
55
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Umgebung
Junction / air
R
th JA
500
K/W
1) Belastung in Sperrichtung sollte vermieden werden.
1) Reverse biasing should be avoided.
LS 5436, LA 5436, LO 5436, LY 5436



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com