Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC494 Datasheet (PDF) - Renesas Technology Corp

UPC494 Datasheet PDF - Renesas Technology Corp
Part # UPC494
Download  UPC494 Download
File Size   436.1 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC494 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC494 Datasheet PDF - Renesas Technology Corp

Part # UPC494
Download  UPC494 Click to download

File Size   436.1 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC494 Datasheet (HTML) - Renesas Technology Corp


UPC494 Product details

FEATURES
• 250 mA output buffer to output sink and source currents
• Switchable operation mode between a single-end mode and a push-pull mode
• No double pulsing during transient condition
• Adjustable dead-time (0 to 100%)
• Internal 5 V output voltage reference circuit
• Error amplifiers with phase-compensating function
• Providing master-slave operation (synchronizing multiple ICs)
• With malfunction prevention circuit for low level supply voltage
• Package variations available for different applications




Similar Part No. - UPC494

ManufacturerPart #DatasheetDescription
logo
NEC
UPC494 NEC-UPC494 Datasheet
1Mb / 16P
SWITCHING REGULATOR CONTROL CIRCUIT SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
UPC494C NEC-UPC494C Datasheet
1Mb / 16P
SWITCHING REGULATOR CONTROL CIRCUIT SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
UPC494G NEC-UPC494G Datasheet
1Mb / 16P
SWITCHING REGULATOR CONTROL CIRCUIT SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
UPC494GS NEC-UPC494GS Datasheet
1Mb / 16P
SWITCHING REGULATOR CONTROL CIRCUIT SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT
More results


Similar Description - UPC494

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com