Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC494 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC494 Datasheet HTML 1Page - Renesas Technology Corp UPC494 Datasheet HTML 2Page - Renesas Technology Corp UPC494 Datasheet HTML 3Page - Renesas Technology Corp UPC494 Datasheet HTML 4Page - Renesas Technology Corp UPC494 Datasheet HTML 5Page - Renesas Technology Corp UPC494 Datasheet HTML 6Page - Renesas Technology Corp UPC494 Datasheet HTML 7Page - Renesas Technology Corp UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet G12649EJ5V0DS00
2
μPC494
ORDERING INFORMATION
Part Number
Package
Package Type
μ PC494C
16-pin plastic DIP (7.62 mm (300))
• plastic magazine
μ PC494GS
16-pin plastic SOP (7.62 mm (300))
• plastic magazine
μ PC494GS-E1
16-pin plastic SOP (7.62 mm (300))
• embossed taping
• Pin 1 on draw-out side
• 2500 pcs/reel
μ PC494GS-E2
16-pin plastic SOP (7.62 mm (300))
• embossed taping
• Pin 1 at take-up side
• 2500 pcs/reel
μ PC494GT-A
Note
16-pin plastic SOP (9.53 mm (375))
• plastic magazine
μ PC494GT-E1-A
Note
16-pin plastic SOP (9.53 mm (375))
• embossed taping
• Pin 1 on draw-out side
• 1500 pcs/reel
μ PC494GT-E2-A
Note
16-pin plastic SOP (9.53 mm (375))
• embossed taping
• Pin 1 at take-up side
• 1500 pcs/reel
μ PC494GS-A
Note
16-pin plastic SOP (7.62 mm (300))
• plastic magazine
μ PC494GS-E1-A
Note
16-pin plastic SOP (7.62 mm (300))
• embossed taping
• Pin 1 on draw-out side
• 2500 pcs/reel
μ PC494GS-E2-A
Note
16-pin plastic SOP (7.62 mm (300))
• embossed taping
• Pin 1 at take-up side
• 2500 pcs/reel
Note Pb-free (This product does not contain Pb in the external electrode and other parts.)
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com