Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC494 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC494
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC494 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC494 Datasheet HTML 7Page - Renesas Technology Corp UPC494 Datasheet HTML 8Page - Renesas Technology Corp UPC494 Datasheet HTML 9Page - Renesas Technology Corp UPC494 Datasheet HTML 10Page - Renesas Technology Corp UPC494 Datasheet HTML 11Page - Renesas Technology Corp UPC494 Datasheet HTML 12Page - Renesas Technology Corp UPC494 Datasheet HTML 13Page - Renesas Technology Corp UPC494 Datasheet HTML 14Page - Renesas Technology Corp UPC494 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet G12649EJ5V0DS00
9
μPC494
COLLECTOR SATURATION VOLTAGE
vs. OUTPUT CURRENT
IC, IE - Output Current - mA
0
40
80
120
160
200
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
VCE (ON)
VCE (sat)
STANDBY AND BIAS CURRENT vs.
SUPPLY VOLTAGE
VCC - Supply Voltage - V
10
20
30
40
12
10
8
6
4
2
0
ICC (S.B)
VCC Terminal Biased.
Other Terminal Open.
ICC (BI)
VDTC = 2 V (Pin 4)
ICC (BI)
ICC (S.B)
DUTY CYCLE vs. DEAD-TIME
CONTROL INPUT VOLTAGE
VDTC - Dead-Time Control Input Voltage - V
0123
120
100
80
60
40
20
0
1
10
100
1 k 10 k 100 k 1 M 10 M
f - Frequency - Hz
0
10
20
30
40
50
VCC = 15 V
RT = 12 k
Ω
CT = 0.01
μF
OPEN-LOOP VOLTAGE GAIN vs.
FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com