Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42545 Datasheet (PDF) - Peregrine Semiconductor

PE42545 Datasheet PDF - Peregrine Semiconductor
Part # PE42545
Download  PE42545 Download
File Size   315.89 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz

PE42545 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42545 Datasheet PDF - Peregrine Semiconductor

Part # PE42545
Download  PE42545 Click to download

File Size   315.89 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz

PE42545 Datasheet (HTML) - Peregrine Semiconductor


PE42545 Product details

Features
• Wideband support up to 67 GHz
• Low insertion loss of 2.6 dB @ 45 GHz
• Fast switching time of 75 ns
• High input P1dB of 33.5 dBm
• Low return loss of 20 dB @ 60 GHz
• -40 °C to +105 °C operating temperature support
• Package: Flip-chip die

Applications
• Test and measurement (T&M)
• 5G mmWave
• Microwave backhaul
• Radar
• Satellite communications




Similar Part No. - PE42545

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
316Kb / 3P
75 Ohm SMC Jack Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
520Kb / 12P
UltraCMOS
More results


Similar Description - PE42545

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS RF Switch
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
logo
Teledyne Technologies I...
TDSW0602T TELEDYNE-TDSW0602T Datasheet
822Kb / 12P
UltraCMOS® SPDT RF Switch, 9 kHz–60 GHz
Rev - 08/2019
logo
Peregrine Semiconductor
PE42443 PSEMI-PE42443 Datasheet
103Kb / 2P
UltraCMOS® SP4T RF Switch, 1.8 GHz–5 GHz
05/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com