Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42440 Datasheet (PDF) - Peregrine Semiconductor

PE42440 Datasheet PDF - Peregrine Semiconductor
Part # PE42440
Download  PE42440 Download
File Size   497.65 Kbytes
Page   8 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP4T UltraCMOS RF Switch

PE42440 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42440 Datasheet PDF - Peregrine Semiconductor

Part # PE42440
Download  PE42440 Click to download

File Size   497.65 Kbytes
Page   8 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP4T UltraCMOS RF Switch

PE42440 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
497Kb / 8P
SP4T UltraCMOS
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE42440MLIBA PEREGRINE-PE42440MLIBA Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE42440MLIBA-Z PEREGRINE-PE42440MLIBA-Z Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Similar Description - PE42440

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
SP4T UltraCMOS RF Switch DC - 3.0 GHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
SP4T UltraCMOS??RF Switch 50 ??3000 MHz
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
SP4T UltraCMOS RF Switch
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
PE42545 PSEMI-PE42545 Datasheet
315Kb / 16P
UltraCMOS® SP4T RF Switch, 9 kHz–67 GHz
07/2023
PE42546 PSEMI-PE42546 Datasheet
352Kb / 17P
UltraCMOS® SP4T RF Switch, 9 kHz–52 GHz
05/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com