Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT05030F-R22M Datasheet (PDF) - Transko Electronics, Inc.

TMPIT05030F-R22M Datasheet PDF - Transko Electronics, Inc.
Part # TMPIT05030F-R22M
Download  TMPIT05030F-R22M Download
File Size   1719.27 Kbytes
Page   5 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (5.4 X 6.0 X 3.0 mm)

TMPIT05030F-R22M Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPIT05030F-R22M Datasheet PDF - Transko Electronics, Inc.

Part # TMPIT05030F-R22M
Download  TMPIT05030F-R22M Click to download

File Size   1719.27 Kbytes
Page   5 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (5.4 X 6.0 X 3.0 mm)

TMPIT05030F-R22M Datasheet (HTML) - Transko Electronics, Inc.


TMPIT05030F-R22M Product details

FEATURES
• Iron Powder Molding • Low DCR
• Shielded Construction • Low acoustic noise
• Halogen Free RoHS compliant




Similar Part No. - TMPIT05030F-R22M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TMPIT03020F TRANSKO-TMPIT03020F Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-100 TRANSKO-TMPIT03020F-100 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R0 TRANSKO-TMPIT03020F-1R0 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-1R5 TRANSKO-TMPIT03020F-1R5 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
TMPIT03020F-2R2 TRANSKO-TMPIT03020F-2R2 Datasheet
629Kb / 5P
Power Inductor SMD (3.2 X 3.7 X 2.0 mm)
Rev 3: 07-30-2020
More results


Similar Description - TMPIT05030F-R22M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC252012F TRANSKO-TMPIC252012F Datasheet
309Kb / 3P
Power Inductor SMD (2.5 X 2.0 X 1.2 mm)
Rev 1: 02-04-2020
TMPIT04020AF TRANSKO-TMPIT04020AF Datasheet
285Kb / 2P
Power Inductor SMD (4.10 X 4.10 X 1.90 mm)
Rev 1: 05-21-2020
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH1207F TRANSKO-TPRH1207F Datasheet
664Kb / 3P
Power Inductor SMD (12.0 X 12.0 X 8.0 mm)
Rev 1: 10-02-2018
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com